PART |
Description |
Maker |
PIC16C622A-40/P PIC16C622A-40/SO PIC16C622A-40/SS |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C622A A newer version of this device is available. Please consider PIC16C620A A newer version of this device is available. Please consider PIC16C621A
|
Microchip
|
PIC16C63-I/SPREL PIC16C63T-04/SO PIC16C63T-04E/SO |
A newer version of this device is available. Please consider PIC16C63A This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C65B A newer version of this device is available. Please consider PIC16C62B
|
Microchip
|
PIC16C715-20/P PIC16C715-20/SO PIC16C715-20/SS PIC |
A newer version of this device is available. Please consider PIC16F716. This powerful (200 nanosecond instruction execution) ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... A newer device is available. Please try PIC16C712. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer version of this device is available. Please consider PIC16F716. This powerful (200 nanosecond instruction execution) ...
|
Microchip
|
REL-KSR-21 |
This product has been replaced by a newer version.
|
PHOENIX CONTACT
|
PIC16C924-08/L PIC16C924-08/PT PIC16C924-08I/L PIC |
A newer device is available. Please consider PIC16C925. This powerful (500 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16C925. This powerful (500 nanosecond instruction execution) yet easy-to-program ...
|
Microchip
|
PTVS0701DRBR |
<font color=red>[Old version datasheet]</font> 7-V Bidirectional Flat-Clamp Surge Protection Device
|
TI store
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
MC9S12DT256C MC9S12DT256B MC9S12DG256C 9S12DP256BD |
9S12Dx256B Device Guide. also covers C derivatives and 9S12Ax256 devices device made up of standard HCS12 blocks and the HCS12 processor core 设备组成水平的HCS12块和HCS12的处理器核心
|
ETC 飞思卡尔半导体(中国)有限公司
|
EPF6016TC1 EPF6016TC144-3 EPF6016ATC144-2 EPF6016A |
Programmable Logic Device Family Flex 6000 Device Family (5.0V)
|
ALTERA
|
BUX13 |
5V, 500mA low drop voltage regulator Bipolar NPN Device in a Bipolar NPN Device in a Metal Package
|
Seme LAB
|
U74LVC2G86L-S08-T U74LVC2G86L-S08-R U74LVC2G86G-S0 |
This device has power-down protective circuit, preventing device destruction when it is powered down. Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
|
Unisonic Technologies
|